PART |
Description |
Maker |
AS8F512K32_03 AS8S128K32_03 AS8F512K32 AS8F512K32P |
512K x 32 FLASH FLASH MEMORY ARRAY 128K x 32 SRAM SRAM MEMORY ARRAY
|
AUSTIN[Austin Semiconductor]
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
CY62136CV18 CY62136CV18LL-55BAI CY62136CV18LL-55BV |
128K X 16 STANDARD SRAM, 70 ns, PBGA48 128K x 16 Static RAM Memory : MicroPower SRAMs
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
EDI8L24129V-BC EDI8L24129V12BI EDI8L24129V EDI8L24 |
10ns; 3.3V power supply; 128K x 24 SRAM SRAM MCP SDR Connector; No. of Contacts:26; Pitch Spacing:0.8mm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 128K X 24 SRAM 3.3 VOLT 128K的X 24 SRAM.3 15ns; 3.3V power supply; 128K x 24 SRAM
|
Electronic Theatre Controls, Inc. White Electronic Designs
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
MT5C6805EC-35/883C MT5C6805C-35L/883C MT5C6805C-35 |
16K x 4 SRAM SRAM MEMORY ARRAY 16K的4 SRAM的存储器阵列
|
Electronic Theatre Controls, Inc.
|
CY7C1009B CY7C109B-35VI CY7C109B-20ZC CY7C109BL-15 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS07; No. of Contacts:42; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 6C 6#8(TWINAX) PIN RECP 128K X 8 STANDARD SRAM, 20 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TV 128C 128#22D PIN WALL REC 128K X 8 STANDARD SRAM, 25 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
GS84032T-166 GS84032B-100 GS84032B-166 GS84032B-15 |
128K X 32 CACHE SRAM, 8 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器)) 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI Technology
|
AS8S512K32_03 AS8S512K32 AS8S512K32A AS8S512K32AQ1 |
512K x 32 SRAM SRAM MEMORY ARRAY
|
AUSTIN[Austin Semiconductor]
|
MT5C1005C-70L/883C MT5C1005DCJ-70L/883C MT5C1005EC |
256K x 4 SRAM SRAM MEMORY ARRAY
|
Austin Semiconductor
|
MT5C1005 MT5C1005C-20L_883C MT5C1005C-20L_IT MT5C1 |
256K x 4 SRAM SRAM MEMORY ARRAY
|
ETC AUSTIN[Austin Semiconductor]
|
GS71208TP-8T GS71208TP-8 |
8ns 128K x 8 1Mb asynchronous SRAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 0.400 INCH, TSOP2-32
|
GSI Technology, Inc.
|